Part Number Hot Search : 
N6211 AD8609 TM128 COM20051 05S12 CA808 P1600 MAX16
Product Description
Full Text Search
 

To Download CSC3968 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
TO-220 Plastic Package
CSC3968
CSC3968
NPN PLASTIC POWER TRANSISTOR
PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER 4. COLLECTOR
High Voltage Switching Applications
4
1 2 3
B H
F
C E
DIM
M IN. 14.42 9.63 3.56
M A X.
N
L
O
123
D G
A B C D E F G H .com J K L M J N M O All dim insions in m m .
16.51 10.67 4.83 0.90 1.15 1.40 3.75 3.88 2.29 2.79 2.54 3.43 0.56 12.70 14.73 2.80 4.07 2.03 2.92 31.24 DE G 7
A
O
DataShee
ABSOLUTE MAXIMUM RATINGS Collector-base voltage (open emitter) Collector-emitter voltage (open base) Collector current (D.C.) Total power dissipation up to TC = 25C Junction temperature Collector-emitter saturation voltage IC = 1A; IB = 0.2A D.C. current gain IC = 0.1A; VCE = 5V RATINGS (at TA=25C unless otherwise specified) Limiting values Collector-base voltage (open emitter) Collector-emitter voltage (open base) Emitter-base voltage (open collector) Collector current (DC) Collector current (Pulse) (1)
K
VCBO VCEO IC Ptot Tj VCEsat hFE
max. max. max. max. max. max. min. max.
400 400 2.0 20 150
V V A W C
1.0 V 16 50
VCBO VCEO VEBO IC IC
max. max. max. max. max.
400 400 7.0 2.0 4.0
V V V A A
.com
Continental Device India Limited Data Sheet Page 1 of 3
DataSheet 4 U .com
www..com
CSC3968
Total power dissipation up to TC = 25C Total power dissipation up to TA = 25C Junction temperature Storage temperature CHARACTERISTICS Tamb = 25C unless otherwise specified Collector cutoff current IE = 0; VCB = 400V Emitter cut-off current IC = 0; VEB = 7V Breakdown voltages IC = 1 mA; IB = 0 IC = 50 A; IE = 0 IE = 50 A; IC = 0 Saturation voltages IC = 1 A; IB = 0.2 A D.C. current gain IC = 0.1A; VCE = 5V**
Ptot Ptot Tj Tstg
max. 20 W max. 1.5 W max. 150 C -65 to +150 C
ICBO IEBO VCEO VCBO VEBO VCEsat* VBEsat* hFE
max. max. min. min. min. max. max. min. max.
10 A 10 A 400 V 400 V 7.0 V 1.0 V 1.5 V 16 50
t4U.com
.com
DataShee
Output capacitance at f = 1 MHz IE = 0; VCB = 10V Transition frequency IC = 0.5A; VCE = 10V; f = 5 MHz Switching time IC = 0.8A; RL = 250 IB1 = -I B2 = 0.08A VCC = 200V Turn on time Storage time Fall time (1) Single Pulse Pw = 10 ms * Pulse test ** hFE classification: A: 16-34 B: 25-50
Co fT*
typ. typ.
30 pF 10 MHz
ton ts tf
max. max. max.
1.0 s 2.5 s 1.0 s
.com
Continental Device India Limited Data Sheet Page 2 of 3
DataSheet 4 U .com
www..com
Customer Notes
t4U.com
.com
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/ CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
.com
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
Data Sheet Page 3 of 3
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of CSC3968

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X